Part Number Hot Search : 
SCDAS4F CZRF7V5B STD100 UMH10N FR2ML 1N5247 DTD113EA CD00CFW
Product Description
Full Text Search
 

To Download LM138K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LM138/238 LM338
THREE-TERMINAL 5-A ADJUSTABLE VOLTAGE REGULATORS
.GUARANTEED7APEAKOUTPUTCURRENT .GUARANTEED5AOUTPUTCURRENT .ADJUSTABLEOUTPUTDOWNTO1. .LI .LOADREGULATI .GUARANTEEDTHERMALREGULATI .CURRENT .STANDARD3-
2V NE REGULATION TYPICALLY 0.005% /V ON TYPICALLY 0.1% ON LIMIT CONSTANT WITH TEMPERATURE LEAD TRANSISTOR PACKAGE
DESCRIPTION The LM138/LM238/LM338 are adjustable 3-terminal positive voltage regulators capable of supplying in excess of 5A over a 1.2V to 32V output range. They are exceptionally easy to use and require only 2 resistors to set the output voltage. Careful circuit design has resulted in outstanding load and line regulation comparable to many commercial power supplies. The LM138 family is supplied in a standard 3-lead transistor package. A unique feature of the LM138 family is time-dependent current limiting. The current limit circuitry allows peak currents of up to 12A to be drawn from the regulator for short periods of time. This allows the LM138 to be used with heavy transient loads and speeds start-up under full-load conditions. Under sustained loading conditions, the current limit decreases to a safe value protecting the regulator. Also included on the chip are thermal overload protection and safe area protection for the power transistor. Overload protection remains functional even if the adjustment pin is accidentally disconnected. Normally, no capacitors are needed unless the device is situated far from the input filter capacitors in which case an input bypass is needed. An optional output capacitor can be added to improve transient response. The adjustment terminal can be bypassed to achieve very high ripple rejection ratios which are difficult to achieve with standard 3-terminal regulators. Besides replacing fixed regulators ordiscrete designs, the LM238 is useful in a wide variety of other applications. Since the regulator is "floating" and sees only theinput-to-output differential voltage, supplies of several hundred volts can be regulated as long as the maximum input to input differential is not exceeded. The LM138/LM238/LM338 are packaged in standard steel TO-3 transistor packages. The LM138 is rated for operation from -55 oC to 150 oC, the LM238 from - 25C to + 150C and the LM338 from 0C to + 125C.
March 1993
TO3 K SUFFIX (Steel Can)
ORDER CODE
PART NUMBER TEMPERATURE RANGE PACKAGE K * * *
LM138 -55 oC to + 150 oC LM238 -25 oC to + 150 oC LM338 0 oC to + 125 oC EXAMPLE: LM138K
PIN CONNECTION (bottom view)
Case is output
1/12
LM138-LM238-LM338
ABSOLUTE MAXIMUM RATING
Symbol Ptot V I - VO Toper Power Dissipation Input-Output Voltage DIfferential Operating Junction Temperature Range LM138 LM238 LM338 Parameter Value Internally Limited 35 -55 to 150 -25 to 150 0 to 125 -65 to 150 300 Unit W
o
V C
Tstg Tlead
Storage Temperature Range Lead Temperature (Soldering, 10 seconds)
o o
C C
THERMAL CHARACTERISTICS
Symbol Parameter Rth(j-c) Typical Junction-Case Thermal Resistance Rth(j-a) Max Junction-Ambient Thermal Resistance Value 1.4 35
o o
Unit C/W C/W
SCHEMATIC DIAGRAM
2/12
LM138-LM238-LM338
ELECTRICAL CHARACTERISTICS LM138: -55 Tj 150 oC, VI - VO = 5V, IO = 2.5A LM238: -25 Tj 150 oC, VI - VO = 5V, IO = 2.5A LM338: 0 Tj 150 oC, VI - VO = 5V, IO = 2.5A Although power dissipation is internally limited, these specifications apply to power dissipation up to 50W (unless otherwise specified).
Symbol K VI K VO Parameter Line Regulation - (note 1) Tamb = 25 oC, 3 V (V I - VO) 35 V Load Regulation Tamb = 25 oC, 10 mA IO 5 A VO 5V - (note 1) VO 5V - (note 1) Thermal Regulation (pulse = 20 ms) Adjustment Pin Current Adjustment Pin Current Change 10 mA IL 5 A, 3 V (VI - VO) 35 V Reference Voltage 3V (VI - VO) 35 V, 10 mA IO 5A, P 50W Line Regulation - (note 1) 3 V (V I - VO) 35 V Load Regulation 10 mA IO 5 A VO 5V - (note 1) VO 5V - (note 1) Temperature Stability (Tmin Tj Tmax) Minimum Load Current (VI - VO 35 V) Current Limit (VI - VO 10 V) DC 0.5 ms Peak VI - VO = 30 V RMS Output Noise, % of VO (Tamb = 25 oC, 10 Hz f 10 KHz) Ripple Rejection Ratio VO = 10 V, f = 120 Hz Cadi = 10 F Long Term Stability (Tamb = 125 oC) LM138-LM238 Min. Typ. Max. 0.005 0.01 Min. LM338 Typ. 0.005 Unit Max. 0.03 %/V
Iadj Iadj v(ref) K VI K VO
5 0.1 0.002 45 0.2 1.19 1.24 0.02
15 0.3 0.01 100 5 1.29 0.04 1.19
5 0.1 0.002 45 0.2 1.24 0.02
25 0.5 0.02 100 5 1.29 0.06
mV % %/W A A V %/V
KVT IO(min) IO(max)
20 0.3 1 3.5 5 7 8 12 1
30 0.6 5 5 7 0.003
20 0.3 1 3.5 8 12 1
50 1 10
mV % % mA A
0.003
% dB
Rvf
60
KVH
60 75 0.3
60 1
60 75 0.3
1
%
Note 1 : Regulation is measured at constant junction temperature. Changes in output voltage due to heating effects are taken into account separately by thermal rejection.
3/12
LM138-LM238-LM338
4/12
LM138-LM238-LM338
5/12
LM138-LM238-LM338
TYPICAL APPLICATIONS + 1.2V to + 25V ADJUSTABLE REGULATOR Since the 50A current from the adjustment terminal represents an error term, the LM338 was designed to minimize Iadj and make it very constant with line and load changes. To do this, all quiescent operating current is returned to the output establishing a minimum load current requirement. If there is insufficient load on the output, the output will rise. EXTERNAL CAPACITORS An input bypass capacitor is recommended. A 0.1F disc or 1F solid tantalum on the input is suitable input by passing for almost all applications. The device is more sensitive to the absence of input bypassing when adjustment or output capacitors are used byt the above values will eliminate the possibility of problems. The adjustment terminal can be bypassed to ground on the LM338 to improve ripple rejection. This bypass capacitor prevents ripple form being amplified as the output voltage is increased. With a 10F bypass capacitor 75dB ripple rejection is obtainable at any output level. Increases over 20F do not appreciably improve the ripple rejection at frequencies above 120Hz. If the bypass capacitor is used, it is sometimes necessary to include protection diodes to prevent the capacitor from discharging through internal low current paths and damaging the device. In general, the best type of capacitors to use are solid tantalum. Solid tantalum capacitors have low impedance even at high frequencies. Depending upon capacitor construction, it takes about 25F in aluminum electrolytic to equal 1F solid tantalum at high frequencies. Ceramic capacitors are also good at high frequencies, but some types have a large decrease in capacitance at frequencies around 0.5MHz. For this reason, 0.01F disc may seem to work better than a 0.1F disc as a bypass. Although the LM338 is stable with no output capacitors, like any feedback circuit, certain values of external capacitance can cause excessive ringing. This occurs with values between 500pF and 5000pF. A 1F solid tantalum (or 25F aluminium electrolytic) on the output swamps this effect and insures stability. LOAD REGULATION The LM338 is capable of providing extremely good load regulation but a few precautions are needed to obtain maximum performance. The current set resistor connected between the adjustment terminal and the output terminal (usually 240) should be tied directly to the output of the regulator rather than near the load. This eliminates line drops from appearing effectively in series with the reference and degrading regulation. For example, a 15V regulator with 0.05 resistance between the regulator and load will have a load regulation due to line resistance of 0.05 x IL. If the set resistor is connected near the load the effective line resistance
Needed if device is far from filter capacitors. * Optional-improves transient response. Output capacitors in the range of 1F to 100F of aluminium or tantalum electrolytic are commonly used to provide improved output impedance and rejection of tran-sients. R2 * * VO = 1.25V (1 + ) R1 * * * R1 = 240 for LM138 and LM238
APPLICATION HINTS In operation, the LM338 develops a nominal 1.25V reference voltage, V(ref), between the output and adjustment terminal. The reference voltage is impressed across program resistor R1 and, since the voltage is constant, a constant current I1 then flows through the output set resistor R2, giving an output voltage of R2 VO = V(ref) ( 1+ ) + IadjR2 R1 Figure 1.
6/12
LM138-LM238-LM338
will be 0.05 (1 + R2/R1) or in this case, 11.5 times worse. Figure 2 shows the effect of resistance between the regulator and 140 set resistor. With the TO-3 package, it is easy to minimize the resistance from the case to the set resistor, by using 2 separate leads to the case. The ground of R2 can be returned near the ground of the load to provide remote ground sensing and improve load regulation. PROTECTION DIODES When external capacitors are used with any IC regulator it is sometimes necessary to add protection diodes to prevent the capacitors from discharging through low current points into the regulator. Most Figure 2 : Regulator with Line Resistance in Output Lead. 20F capacitors have low enough internal series resistance to deliver 20A spikes when shorted. Although the surge is short, there is enough energy to damage parts of the IC. When an output capacitor is connected to a regulator and the input is shorted, the output capacitor will discharge into the output of the regulator. The discharge current depends on the value of the capacitor, the output voltage of the regulator, and the rate of decrease of VI. In the LM338 this discharge path is through a large junction that is able to sustain 25A surge with no problem. This is not true of other types of positive regulators. For output capacitors of 100F or less at output of 15V or less, there is no need to use diodes. The bypass capacitor on the adjustment terminal can discharge through a low current junction. Discharge occurs when either the input or output is shorted. Internal to the LM338 is a 50 resistor which limits the peak discharge current. No protection is needed for output voltages of 25V or less and 10F capacitance. Figure 3 shows an LM338 with protection diodes included for use with outputs greater than 25V and high values of output capacitance.
Figure 3 : Regulator with Protection Diodes.
7/12
LM138-LM238-LM338
10A REGULATOR
* Minimum load - 100mA VI 10V V0 3V VI - V0 3.5V
5A CURRENT REGULATOR
* Minimum load - 100mA VI 10V V0 3V VI - V0 3.5V
8/12
LM138-LM238-LM338
15A REGULATOR
* Minimum load - 100mA VI + 10V V0 + 3V VI - V0 + 4V
5V LOGIC REGULATOR WITH ELECTRONIC SHUTDOWN**
* R1 = 240 for LM138 or LM238 * R2 = 720 for LM138 or LM238 * * Minimum output + 1.2V
9/12
LM138-LM238-LM338
TRACKING PREREGULATOR
* R1 = 240 for LM138 or LM238 * R2 = 720 for LM138 or LM238 * * Minimum output + 1.2V
SLOW TURN-ON 15V REGULATOR
* R1 = 240 * R2 = 2.7k
}
f or LM138 and LM238
10/12
LM138-LM238-LM338
TO-3 MECHANICAL DATA
mm MIN. A B C D E G N P R U V 11.00 0.97 1.50 8.32 19.00 10.70 16.50 25.00 4.00 38.50 30.00 TYP. MAX. 13.10 1.15 1.65 8.92 20.00 11.10 17.20 26.00 4.09 39.30 30.30 MIN. 0.433 0.038 0.059 0.327 0.748 0.421 0.649 0.984 0.157 1.515 1.187 inch TYP. MAX. 0.516 0.045 0.065 0.351 0.787 0.437 0.677 1.023 0.161 1.547 1.193
DIM.
P G
A
D
C
U
V
O
N
R
B
P003F
11/12
E
LM138-LM238-LM338
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use ascritical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A
12/12


▲Up To Search▲   

 
Price & Availability of LM138K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X